Part Number Hot Search : 
SF1006 48N003V0 TP8835 100343PC 1151AIZ STB6NA60 SDZ5V1Q V8486A
Product Description
Full Text Search
 

To Download JAN2N2219 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 features features meets mil 19500 / 251 collector - base voltage 60 v collector - current 800 ma medium current , bipolartransistor maximum ratings rating symbol value unit collector - emitter voltage v ceo 30 vdc collector - base voltage v cbo 60 vdc emitter - base voltage v ebo 5 vdc collector current - continuous i c 800 madc total device dissipation @ t a = 25 c p d 0.8 w atts derate above 25 c 4.6 mw/ c total device dissipation @ t c = 25 c p d 3.0 watts derate above 25 c 17.0 mw/ c operating junction&storage temperature range t j , t stg -55 to +200 c thermal characteristics characteristic symbol max unit thermal resistance, junction to ambient r q q ja 217 c / w thermal resistance, junction to case r q q jc 59 c / w 580 pleasant st. watertown, ma 02472 ph: (617) 926-0404 fax: (617) 924-1235 small signal bipolar npn silicon switching transistor jan, jantx, jantxv to-39
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 electrical characteristics (t a = 25 c unless otherwise noted) off characteristic symbol min max unit collector - emitter breakdown voltage (1) v(br) ceo ( i c = 10 ma dc, i b = 0 ) 30 vdc collector - base breakdown voltage v(br) cbo ( i c = 10 m m adc, i e = 0 ) 60 vdc emitter - base breakdown voltage v(br) ebo ( i e = 10 m m adc, i c = 0 ) 5 vdc collector - emitter cutoff current i ces ( v ce = 30 vdc ) 10 nadc collector - base cutoff current i cbo ( v cb = 50 vdc , i e = 0 ) 10 nadc ( v cb = 50 vdc, i e = 0, t a = 150 c ) 10 m m adc emitter - base cutoff current i ebo ( v eb = 4 vdc ) 10 nadc ( v eb = 5 vdc ) 10 m m adc on characteristic symbol min max unit dc current gain h fe ( i c = 0.1 ma dc, v ce = 10 vdc ) (1) 35 ( i c = 1 ma dc, v ce = 10 vdc ) (1) 50 325 ( i c = 10 ma dc, v ce = 10 vdc ) (1) 75 ( i c = 150 ma dc, v ce = 10 vdc ) (1) 100 300 ( i c = 500 ma dc, v ce = 10 vdc ) (1) 30 ( i c = 10 ma dc, v ce = 10 vdc, t j =- 55 c ) (1) 15 collector - emitter saturation voltage v ce(sat) ( i c = 150 madc, i b = 15 madc ) (1) 0.4 vdc ( i c = 500 madc, i b = 50 madc ) (1) 1.6 vdc base - emitter saturation voltage v be(sat) ( i c = 150 madc, i b = 15 madc ) (1) 0.6 1.3 vdc ( i c = 500 madc, i b = 50 madc ) (1) 2.6 vdc 1. pulse test: pulse width 300 m s, duty cycle .2 %
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 electrical characteristics (t a = 25 c unless otherwise noted) small - signal characteristics symbol min max unit output capacitance c obo ( v cb = 10 vdc, i e = 0, 100khz f 1 mhz ) 8.0 pf input capacitance c ibo ( v eb = 0.5 vdc, i c = 0, 100khz f 1 mhz ) 25 pf switching characteristics symbol min max unit turn - on time t on ( v cc = 30 vdc, i c = 150 madc, i b1 =15 madc) ( see figure 1 ) 40 ns turn - off time t off ( v cc = 30 vdc, i c = 150 ma dc , i b1 = - i b2 = 15 madc) ( see figure 2 ) 250 ns small - signal ac characteristics (t a = 25 c) low frequency symbol min max unit common - emitter forward current transfer ratio h fe ( i c = 1 ma, v ce = 10 v, f = 1khz ) 5 0 high frequency common - emitter forward current transfer ratio |h fe | ( i c = 20 ma, v ce = 20 v, f = 100 mhz ) 2.5 12 s p i c e m o d e l (based upon typical device characteristics) * 1 q2n 2219 npn ( is = 21.2f xti = 3.0 eg = 1.11 vaf = 157.4 bf = 196.6 ise = 67.07 f + ne = 1.6 ikf = 1.537 nk = 1.02 xtb = 1.5 br = 1.0 isc = 1.709 p + nc = 1.437 ikr = 0.9876 rc = 0.0 cjc = 19.4p mjc = 0.3333 vjc = 0.75 + fc = 0.5 cje = 29.6p mje = 0.3333 vje = 0.75 tr = 300.2 n tf = 562.6p + itf = 1.0 xtf = 0.0 vtf = 10.0 ) *1. microsemi corp. claims no responsibility for misapplication of spice model information. spice modeling should be used as a precursor guide to in-circuit performance. actual performance is the responsibility of the user/designer.
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 to-39 case outline die outline die characteristics back is collector chip thickness is: 10 mils typ metalization is: top = al, back = au
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 figure 1 saturated turn-on time test circuit figure 2 saturated turn-off time test circuit t
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 figure 3 figure 4 .0001 .001 .01 .1 1 ic collector current (a) 0 50 100 150 200 250 hfe current gain 0 50 100 150 200 250 dc current gain vce = 10 v typ @ 25c typ @ -55c .0001 .001 .01 .1 1 ib, base current (a) 0.0 0.2 0.4 0.6 0.8 1.0 vce, collector-emitter (v) 0.0 0.2 0.4 0.6 0.8 1.0 collector saturation vs base current tj = 25 c ic = 500 ma ic = 150 ma
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 figure 5 figure 6 .001 .01 .1 1 ib, base current (a) 0.50 0.75 1.00 1.25 vbe, base-emitter voltage (v) 0.50 0.75 1.00 1.25 base saturation vs base current tj = 25 c ic = 150 ma ic = 500 ma .01 .1 1 10 100 reverse junction voltage (v) 0 5 10 15 20 25 30 junction capacitance (pf) 0 5 10 15 20 25 30 junction capacitance tj = 25 c 100 khz < f < 1 mhz cobo cibo
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 figure 7 figure 8 10 100 1000 collector current (ma) 100 10 100 ton time (ns) 100 10 100 switching turn - 0n time tj = 25 c ic/ib = 10 min. max. 500 10 100 collector current (ma) 1000 100 1000 toff time (ns) 1000 100 1000 switching turn - off time tj = 25 c ic/ib = 10 min. max.
msco 935 a 1 0 -1 5 -9 8 dsw2n2219 <-> (34724) 2n 2219 figure 9 1 10 100 1000 frequency mhz .01 .1 1 normalized gain .01 .1 1 normalized gain vs frequency tj = 25c ic = 20 ma vce = 20 v


▲Up To Search▲   

 
Price & Availability of JAN2N2219

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X